PART |
Description |
Maker |
SKDH116_12-L100 SKDH116_16-L100 SKDH116 SKDH116/12 |
MOSFET; ID (A): 0.02; VDS (V): 6; Pch : 0.1; |yfs| (S) typ: 0.024; PG (dB) typ: 24; Ciss (pF) typ: 1.75; NF (dB) typ: 1.5; IDSS (mA): -; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S6968-01 |
MOSFET, Switching; VDSS (V): 60; ID (A): 2; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.111]; RDS (ON) typ. (ohm) @2.5V: 0.129; Ciss (pF) typ: 320; toff (µs) typ: 0.0397; Package: MPAK
|
Hamamatsu Photonics
|
S3901-FX |
MOSFET, Switching; VDSS (V): 400; ID (A): 15; Pch : 100; RDS (ON) typ. (ohm) @10V: 0.34; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
KGF1608 |
Power FET (Ceramic Package Type)
|
OKI electronic componets
|
MGF1952A |
Microwave Power MES FET (Leadless Ceramic Package)
|
Mitsubishi Electric Semiconductor
|
STL40C30H3LL |
N-channel 30 V, 0.019 Ohm typ., 10 A, P-channel 30 V, 0.024 Ohm typ., 8 A STripFET(TM) V Power MOSFET in a PowerFLAT(TM) 5x6 d. i. package
|
ST Microelectronics
|
STH300NH02L-6 |
N-channel 24 V, 0.95 mOhm typ., 180 A STripFET(TM) Power MOSFET in a H2PAK-6 package Automotive-grade N-channel 24 V, 0.95 typ., 180 A
|
ST Microelectronics STMicroelectronics
|
STS8C6H3LL |
N-channel 30 V, 0.019 Ohm typ., 8 A, P-channel 30 V, 0.024 Ohm typ., 6 A STripFET(TM) Power MOSFET in a SO-8 package
|
ST Microelectronics
|
CAT28C64BHP-20 CAT28C64BHN-15 CAT28C64BHT-20 CAT28 |
PROFET - Smart High Side Switches XWAY ADM6993 RF Switches; Package: PG-TSLP-7; P-0.1dB(min): 21.0 dBm; Switching Time(max): 4.0 µs; Isolation @1GHz: 32.0 dB; Insertion Loss @1GHz: 0.4 dB; Pmax: 21.0 dBm HITFET, TEMPFET - Smart Low-Side Switches IGBT Modules up to 1200V SixPACK; Package: AG-EASY2B-1; IC (max): 50.0 A; VCE(sat) (typ): 1.85 V; Configuration: SixPACK; Technology: IGBT4; Housing: EasyPACK 2B; IGBT Modules up to 6500V Single; Package: A-IHV130-3; IC (max): 400.0 A; VCE(sat) (typ): 4.3 V; Configuration: Single; Technology: IGBT2 Standard; Housing: IHV 130 mm; Single: N-Channel 600V MOSFETs; Package: PG-TO262-3; Technology: CoolMOS; VDS (max): 600.0 V; RDS (on) (max) (@10V): 105.0 mOhm; ID (max): 31.0 A; RthJC (max): 0.5 K/W; XWAY ADM5120P Medium Power IF max = 500mA; Package: PG-SOT363-6; Configuration: Single; VR (max): 30.0 V; IF (max): 2,000.0 mA; CT (max): 60.0 pF; VF (max): 600.0 mV; X-GOLD213 - PMB8810 UMTS LNA; Package: PG-TSLP-16; Frequency Hz: 800 MHz 1900 MHz 2100 MHz; Gain (typ): 15.2 dB 16.5 dB 16.5 dB; F (typ): 1.2 dB 1.0 dB 1.1 dB; P-1dB (in): -12 -10 -11; I (typ): 3.5 mA 3.4 mA 3.5 mA; SPOC - SPI Power Controller for Advanced Light Control; Package: PG-DSO-36; Channels: 5.0; LED mode: No; Cranking mode: No; Watchdog: No; Over Voltage Protection: 41.0 V IGBT Modules up to 1200V SixPACK; Package: AG-ECONO2-1; IC (max): 75.0 A; VCE(sat) (typ): 1.85 V; Configuration: SixPACK; Technology: IGBT4; Housing: EconoPACK 2; 128Kx8 EEPROM 128Kx8 EEPROM ADM3120BX x8的EEPROM IGBT Modules up to 6500V Single; Package: A-IHV130-3; I<sub>C </sub>(max): 400.0 A; V<sub>CE(sat)</sub> (typ): 4.3 V; Configuration: Single; Technology: IGBT2 Standard; Housing: IHV 130 mm;
|
Honeywell International, Inc. NXP Semiconductors N.V. Infineon Technologies AG Amphenol, Corp. Vectron International, Inc. Advanced Analogic Technologies, Inc.
|
CY7C1362B-166AI CY7C1362B-166AC CY7C1360B-200BGC C |
CONNECTOR ACCESSORY 256K X 36 CACHE SRAM, 3.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 2.8 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 3 ns, PQFP100 MOSFET, Switching; VDSS (V): 30; ID (A): 30; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.02]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1500; toff (µs) typ: 0.11; Package: DPAK (S) MOSFET, Switching; VDSS (V): 30; ID (A): 30; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.02]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1500; toff (µs) typ: 0.11; Package: DPAK (L)- (2)
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|